Part Number Hot Search : 
SHF1104 RB2415 KBPC2500 CS4122 SE080 1209E AMT8310 04C12
Product Description
Full Text Search
 

To Download 600BNS-8003Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TYPE
Variable Coils
7KLL
73
7mm TYPE 7KLL
Frequency Range: 2-120MHz Inductance Range: 0.03-50H Temperature Coefficient: Inductor TC (L) 220+220ppm/C With Internal Capacitor TC (F) 0250ppm/C Internal Capacitance Values: 5-100pF
Features
* Type 7KL is a low profile version of 7KM. * Spiral wound with high number of closely spaced slots on form yields low distributed capacitance, low temperature coefficient, and added stability in humid conditions.
STANDARD COILS SELECTION GUIDE TYPE 7KLL Frequency Range: 2 ~ 30MHz
TOKO Part Number 600BNS-8001 Z 600BNS-8002 Z 600BNS-8003 Z 600BNS-8004 Z 600BNS-8005 Z 600BNS-8006 Z 600BNS-8007 Z 600BNS-8008 Z 600BNS-8009 Z 600BNS-8010 Z 600BNS-8011 Z 600BNS-8012 Z 600BNS-8013 Z 600BNS-8014 Z 600BNS-8015 Z 600BNS-8016 Z 600BNS-8017 Z 600BNS-8018 Z 600BNS-8019 Z 600BNS-8020 Z 600BNS-8021 Z 600BNS-8022 Z 600BNS-8023 Z 600BNS-8024 Z 600BNS-8025 Z 600BNS-8026 Z 600BNS-8027 Z 600BNS-8028 Z 600BNS-8029 Z F600BNS-8030 Z F600BNS-8031 Z F600BNS-8032 Z F600BNS-8033 Z Inductance (H) 0.10 6% 0.12 6% 0.15 6% 0.18 6% 0.22 6% 0.27 6% 0.33 6% 0.39 6% 0.47 6% 0.56 6% 0.68 6% 0.82 6% 1.0 6% 1.2 6% 1.5 6% 1.8 6% 2.2 6% 2.7 6% 3.3 6% 3.9 6% 4.7 6% 5.6 6% 6.8 6% 8.2 6% 10.0 6% 12.0 6% 15.0 6% 18.0 6% 22.0 6% 27.0 6% 33.0 6% 39.0 6% 47.0 6% Q min. 40 min 40 min 45 min 45 min 50 min 50 min 55 min 55 min 55 min 55 min 55 min 55 min 49 20% 50 20% 47 20% 49 20% 46 20% 48 20% 48 20% 47 20% 47 20% 46 20% 45 20% 45 20% 40 20% 42 20% 43 20% 45 20% 46 20% 33 20% 32 20% 37 20% 36 20% Test Frequency (MHz) 50 50 50 50 50 50 50 50 50 50 50 50 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52
TYPE
74
7KLL
Variable Coils
STANDARD COILS SELECTION GUIDE TYPE 7KLL Frequency Range: 30 ~ 80MHz
TOKO Part Number 600GNS-8034 Z 600GNS-8035 Z 600GNS-8036 Z 600GNS-8037 Z 600GNS-8038 Z 600GNS-8039 Z 600GNS-8040 Z 600GNS-8041 Z 600GNS-8042 Z 600GNS-8043 Z 600GNS-8044 Z 600GNS-8045 Z 600GNS-8046 Z 600GNS-8047 Z 600GNS-8048 Z 600GNS-8049 Z 600GNS-8050 Z 600GNS-8051 Z 600GNS-8052 Z 600GNS-8053 Z 600GNS-8054 Z 600GNS-8055 Z 600GNS-8056 Z 600GNS-8057 Z 600GNS-8058 Z 600GNS-8059 Z 600GNS-8060 Z 600GNS-8061 Z 600GNS-8062 Z F600GNS-8063 Z F600GNS-8064 Z F600GNS-8065 Z F600GNS-8066 Z Inductance (H) 0.10 6% 0.12 6% 0.15 6% 0.18 6% 0.22 6% 0.27 6% 0.33 6% 0.39 6% 0.47 6% 0.56 6% 0.68 6% 0.82 6% 1.0 6% 1.2 6% 1.5 6% 1.8 6% 2.2 6% 2.7 6% 3.3 6% 3.9 6% 4.7 6% 5.6 6% 6.8 6% 8.2 6% 10.0 6% 12.0 6% 15.0 6% 18.0 6% 22.0 6% 27.0 6% 33.0 6% 39.0 6% 47.0 6% Q min. 60 20% 65 20% 62 20% 68 20% 71 20% 77 20% 85 20% 84 20% 92 20% 88 20% 88 20% 87 20% 43 20% 42 20% 46 20% 45 20% 47 20% 45 20% 47 20% 47 20% 50 20% 48 20% 47 20% 47 20% 41 20% 42 20% 44 20% 45 20% 45 20% 41 20% 38 20% 41 20% 41 20% Test Frequency (MHz) 50 50 50 50 50 50 50 50 50 50 50 50 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52
TYPE
Variable Coils
7KLL
75
STANDARD COILS SELECTION GUIDE TYPE 7KLL Frequency Range: 80 ~ 120MHz
TOKO Part Number 600ENS-8067 Z 600ENS-8068 Z 600ENS-8069 Z 600ENS-8070 Z 600ENS-8071 Z 600ENS-8072 Z 600ENS-8073 Z 600ENS-8074 Z 600ENS-8075 Z 600ENS-8076 Z 600ENS-8077 Z 600ENS-8078 Z 600ENS-8079 Z 600ENS-8080 Z 600ENS-8081 Z 600ENS-8082 Z 600ENS-8083 Z 600ENS-8084 Z 600ENS-8085 Z 600ENS-8086 Z 600ENS-8087 Z 600ENS-8088 Z 600ENS-8089 Z 600ENS-8090 Z 600ENS-8091 Z 600ENS-8092 Z 600ENS-8093 Z 600ENS-8094 Z 600ENS-8095 Z F600ENS-8096 Z F600ENS-8097 Z F600ENS-8098 Z F600ENS-8099 Z Inductance (H) 0.10 6% 0.12 6% 0.15 6% 0.18 6% 0.22 6% 0.27 6% 0.33 6% 0.39 6% 0.47 6% 0.56 6% 0.68 6% 0.82 6% 1.0 6% 1.2 6% 1.5 6% 1.8 6% 2.2 6% 2.7 6% 3.3 6% 3.9 6% 4.7 6% 5.6 6% 6.8 6% 8.2 6% 10.0 6% 12.0 6% 15.0 6% 18.0 6% 22.0 6% 27.0 6% 33.0 6% 39.0 6% 47.0 6% Q min. 56 20% 64 20% 67 20% 73 20% 73 20% 81 20% 87 20% 88 20% 90 20% 93 20% 92 20% 94 20% 39 20% 45 20% 45 20% 45 20% 45 20% 45 20% 44 20% 44 20% 45 20% 45 20% 44 20% 47 20% 38 20% 40 20% 44 20% 35 20% 34 20% 33 20% 37 20% 37 20% 36 20% Test Frequency (MHz) 50 50 50 50 50 50 50 50 50 50 50 50 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52


▲Up To Search▲   

 
Price & Availability of 600BNS-8003Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X